Part Number Hot Search : 
P1011 2N5551 BCX56 0AA61 SHD12 1N3322 42S16 UPD3798
Product Description
Full Text Search
 

To Download 10-675-191 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  series 675 dip program headers note: aries specializes in custom design and production. in addition to the standard products shown on this page, special materials, platings, sizes, and configurations can be furnished, depending on quantities. aries reserves the right to change product specifications without notice. features: ? aries dip programmable headers offer unusual versatility for programming within the header itself. ? they can be individually programmed using cutters or aries? programming tool, part no. t-675, available separately, to remove the interconnecting sections. consult data sheet no. 22002 for aries? programming tool. ? adjacent and/or opposing pins are interconnected until the pre-slotted section is programmed out. an almost infinite number of programs can be attained by merely leaving or removing interconnecting sections. ? a low profile, snap-on cover protects header from dirt or acci- dental damage, and can be marked to identify the program within the header. specifications: ? standard header body and cover are black ul 94v-0 4/6 nylon. ? pins are brass alloy, 3/4 hard. ? pin plating - t = 200u? [5.08 m] min. matte tin per astm b545-97 over 50u? [1.27 m] min. nickel per qq-n-290 - g = 10u?[.25 m] gold per mil-g-45204 over 50u?[1.27 m] min. nickel per qq-n-290. - tl = 200u?[5.08 m] 90/10 tin/lead per mil-t-10727 type i over 50u? [1.27 m] min. nickel per qq-n-290. ? current rating=2 amps. ? operating temperature=221f [105c] tin or tin/lead plat- ing, =257f [125c] gold plating. mounting considerations: ? suggested pcb hole size=.035 .002 [.89 .05] dia. a ll dimensions : inches [ millimeters ] xx-675-19xx ordering informa tion no. of pins 4 to 20 series style (see below) 190 or 191 plating suffix: none=gold t=tin tl=tin/lead covers available for 4-20 pin headers. to order, specify part no. xx-650-10 where ?xx? denotes the number of pins. consult data sheet no. 12033 for additional details. style 190 style 191 all pins intercon- nected, both adjacent and opposing. opposing pins interconnected only. available in 4-16 pins only. available in 4-20 pins. all tolerances .005 [.13] unless otherwise specified ?a?=(no. of pins per row x .100 [2.54]) + .050 ?b?=(no. of pins per row - 1) x .100 [2.54] printouts of this document may be out of date and should be considered uncontrolled 16004 rev.c frenchtown, nj usa tel: (908) 996-6841 fax: (908) 996-3891 http://www.arieselec.com ? info@arieselec.com abc


▲Up To Search▲   

 
Price & Availability of 10-675-191

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X